Part Number Hot Search : 
ASL52D6 DS128 124N25 FR107 XC2385A BR102 4HCT04 XC2385A
Product Description
Full Text Search
 

To Download KDV214 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon Epitaxial Planar Diode KDV214
Diodes
SOD-323
+0.1 1.7-0.1
Unit: mm
+0.05 0.3-0.05
+0.05 0.85-0.05
Features
High Capacitance Ratio : C2V/C25V=6.5(Typ.) Low Series Resistance : rS=0.4 (Typ.)
0.475 0.375
+0.1 2.6-0.1
1.0max
Excellent C-V Characteristics, and Small Tracking Error. Useful for Small Size Tuner.
A bsolute M axim um R atings T a = 25
P aram eter R everse V oltage P eak R everse V oltage Junction T em perature S torage T em perature R ange S ym bol VR V RM Tj T stg V alue 32 35 (R L = 10K 125 -55 to + 125 ) U nit V V
Electrical Characteristics Ta = 25
Parameter Reverse Voltage Reverse Current Capacitance Capacitance Ratio Series Resistance Note : Available in matched group for capacitance to 2.5%. C(Max.)-C(Min.) C(Min.) 0.025 Symbol VR IR C2V C25V C2V/C25V rs VR = 5V, f = 470 MHz Conditions IR = 1 A Min 30 10 14.16 2.11 5.9 6.5 0.4 16.25 2.43 7.15 0.55 Typ Max Unit V nA pF
VR = 28 V f = 1 MHz;VR = 2 V f = 1 MHz;VR = 25 V
Marking
Marking UO
+0.05 0.1-0.02
+0.1 1.3-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of KDV214

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X